Part Number Hot Search : 
BD911 87121RB 2SJ389L 1N4004G WR1210 291PGLF BD140 T138A
Product Description
Full Text Search
 

To Download MM1Z5258B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MM1Z5221B~MM1Z5267B
SILICON PLANAR ZENER DIODES
PINNING PIN DESCRIPTION Cathode Anode
2
Features * Total power dissipation: Max. 500 mW * Small plastic package suitable for surface mounted design * Tolerance approximately 5%
1 2
1
Top View Simplified outline SOD-123 and symbol
Absolute Maximum Ratings (Ta = 25 OC) Parameter
Power Dissipation Junction Temperature Storage Temperature Range
Symbol Ptot Tj TS
Value 500 150 - 55 to + 150
Unit mW
O
C C
O
Characteristics at Ta = 25 OC
Parameter Thermal Resistance Junction to Ambient Air Forward Voltage at IF = 10 mA Symbol RJA VF Max. 350 0.9 Unit
O
C/W V
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 09/11/2007
MM1Z5221B~MM1Z5267B
Type MM1Z5221B MM1Z5223B MM1Z5225B MM1Z5226B MM1Z5227B MM1Z5228B MM1Z5229B MM1Z5230B MM1Z5231B MM1Z5232B MM1Z5234B MM1Z5235B MM1Z5236B MM1Z5237B MM1Z5239B MM1Z5240B MM1Z5241B MM1Z5242B MM1Z5243B MM1Z5245B MM1Z5246B MM1Z5248B MM1Z5249B MM1Z5250B MM1Z5251B MM1Z5252B MM1Z5253B MM1Z5254B MM1Z5256B MM1Z5257B MM1Z5258B MM1Z5259B MM1Z5260B MM1Z5261B MM1Z5262B MM1Z5263B MM1Z5265B MM1Z5266B MM1Z5267B
1) 2)
Marking Code A4 B4 C4 D4 E4 F4 H4 J4 K4 M4 N4 P4 R4 X4 Y4 Z4 A5 B5 C5 D5 E5 F5 K9 H5 J5 K5 M9 M5 N5 P5 R5 X5 Y5 Z5 A6 B6 C6 D6 E6
Zener Voltage Range 1) Vznom V 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 19 20 22 24 25 27 30 33 36 39 43 47 51 56 62 68 75 lZT mA 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 8.5 7.8 7 6.6 6.2 5.6 5.2 5 4.6 4.2 3.8 3.4 3.2 3 2.7 2.5 2.2 2 1.8 1.7 for VZT V 2.28...2.52 2.57...2.84 2.85...3.15 3.14...3.47 3.42...3.78 3.71...4.1 4.09...4.52 4.47...4.94 4.85...5.36 5.32...5.88 5.89...6.51 6.46...7.14 7.13...7.88 7.79...8.61 8.65...9.56 9.5...10.5 10.45...11.55 11.4...12.6 12.35...13.65 14.25...15.75 15.2...16.8 17.1...18.9 18.05...19.95 19...21 20.9...23.1 22.8...25.2 23.75...26.25 25.65...28.35 28.5...31.5 31.35...34.65 34.2...37.8 37.05...40.95 40.85...45.15 44.65...49.35 48.45...53.55 53.2...58.8 58.9...65.1 64.6...71.4 71.25...78.75
Dynamic Impedance 2) ZZT (Max.) 30 30 29 28 24 23 22 19 17 11 7 5 6 8 10 17 22 30 13 16 17 21 23 25 29 33 35 41 49 58 70 80 93 105 125 150 185 230 270 ZZK (Max.) 1200 1300 1600 1600 1700 1900 2000 1900 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 1300 1400 1600 1700 at IZK mA 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Reverse Current IR A (Max.) 100 75 50 25 15 10 5 5 5 5 5 3 3 3 3 3 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 at VR V 1 1 1 1 1 1 1 2 2 3 4 5 6 6.5 7 8 8.4 9.1 9.9 11 12 14 14 15 17 18 19 21 23 25 27 30 33 36 39 43 47 52 56
VZ is tested with pulses (20 ms) ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are for IZ(AC) = 0.1 IZ(DC) with the AC frequency = 1 KHz.
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 09/11/2007
MM1Z5221B~MM1Z5267B
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 09/11/2007
MM1Z5221B~MM1Z5267B
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads SOD-123
ALL ROUND
c
HE
D
A
E
bp
UNIT mm
A 1.15 1.05
bp 0.6 0.5
c 0.135 0.127
A
D 2.7 2.6 E 1.65 1.55 HE 3.9 3.7 v 0.2
5
O
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 09/11/2007


▲Up To Search▲   

 
Price & Availability of MM1Z5258B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X